|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD. R SW675 (6V7.5AH) Outer dimensions (mm) 151 34 S W 67 (6 V 7. 5S 5A H ) Specifications Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 6V Terminal Type (mm) 7.5 Ah 100 mm(3.94 inches) 94 mm(3.70 inches) 151 mm(5.94 inches) 34 mm(1.34 inches) 1.15 Kg(2.53 lbs) 3.2 6.35 4.75 94 100 3.4 7.85 0.8 T1 Discharge Curves 25 (77 ) T2 Characteristics 20 hour rate(0.375A) 7.50 AH 10 hour rate(0.69A) 6.90 AH 5 hour rate(1.28A) 6.40 AH 25 (77 ) 1 hour rate(4.50A) 4.50 AH 1.5 hour discharge to 5.25 V 3.0 A Internal Resistance Full charged Battery at 25 (77 ) 11 m Capacity 40 (104 ) 102% affected 25 (77 ) 100% by Temperature 0 (32 ) 85% (20hour rate) -15 (5 ) 65% Capacity Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) 91% 82% 64% 6.90 6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 01 2 1.5A0.75A 3.0A 7.5A 27A 15A 22.5A 0.375A 4 6 8 10 20 4060 2 4 6 8 10 20 40 T1 or T2 Initial Charging Current less than 3.0A Cycle Voltage 7.20-7.35V Voltage 6.75-6.90 V Float Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 Time 4.80V 5.10V 5.25V 5.40V 5.55V A W A W A W A W A W ) 10h 20h 5min 10min 15min 30min 1h 2h 3h 4h 5h 8h R 0.8 6.35 |
Price & Availability of SW675 |